Part Number Hot Search : 
PIC18F4 PI74FCT SF4003GP 01456 C2625 AD560 CAT512 B2901
Product Description
Full Text Search
 

To Download Y144280R5000A0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS92N, RS92NA, AN
Vishay Foil Resistors
High Precision Foil Resistor with TCR of 2.0 ppm/C, Tolerance of 0.01 % and Load Life Stability of 0.005 % CECC Qualified
FEATURES
* Temperature coefficient of resistance (TCR): 2 ppm/C typical (- 55 C to + 155 C, ref. + 20 C) * Rated power: to 0.25 W at + 125 C * Tolerance: 0.01 % * Load life stability: to 0.005 % at 70 C, 2000 h at rated power * Resistance range: 80.6 to 120 k (higher or lower values of resistance are available) * Electrostatic discharge up to 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns effectively no ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient: < 0.1 ppm/V * Low inductance: < 0.08 H typical * Non hot spot design * Terminal finishes available: tin/lead alloy * Matched sets are available per request (TCR Tracking: to 0.5 ppm/C) * For better TCR and PCR performances please review the RNC90Z and Z555 datasheets
INTRODUCTION
Bulk Metal(R) Foil (BMF) technology outperforms all other resistor technologies available today for applications that require high precision and high stability. This technology has been pioneered and developed by VISHAY, and products based on this technology are the most suitable for a wide range of applications. BMF technology allows us to produce customer orientated products, designed to satisfy challenging and specific technical requirements. Models RS92N, RS92NA, and AN made from Vishay BMF offers low TCR, excellent load life stability, tight tolerance, fast response time, low current noise, low thermal EMF and low voltage coefficient, all in one resistor. The RS92N, RS92NA, and AN are virtually insensitive to destabillizing factors. The resistor element is a solid alloy that displays the desirable bulk properties of its parent material, thus it is inherently stable and noise free. Vishay's Bulk Metal(R) RS92N, RS92NA, and AN resistors are the modern generation of precision resistors. The standard design of these resistors provides a unique combination of characteristics found in no other single resistor. Our Application Engineering Department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
APPLICATIONS
* High precision amplifiers * Down-hole (high temperature) * High precision instrumentation * Medical and test equipment * Industrial * Audio (high end stereo equipment) * EB applications (electron beam scanning and recording equipment, electron microscopes) * Military, airborne * Measurement instrumentation
TABLE 1 - TOLERANCE AND TCR VS. RESISTANCE VALUE (- 55 C to + 155 C, + 20 C Ref.)
RESISTANCE VALUE () 80.6 to 120K TOLERANCE (%) 0.01 TYPICAL TCR AND MAX. SPREAD (ppm/C) 23
TABLE 2 - MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
Mechanical Protection Resistive Element Unit Weight Temperature Limits Climatic Category Insulated case Nickel-chromium 0.3 g - 55 C to + 155 C 55/155/56
Document Number: 63138 Revision: 03-Nov-08
For any questions, contact: foil@vishay.com
www.vishay.com 1
RS92N, RS92NA, AN
Vishay Foil Resistors High Precision Foil Resistor with TCR of 2.0 ppm/C,
Tolerance of 0.01 % and Load Life Stability of 0.005 % CECC Qualified
80R6 to 120K 80R6 to 92K 0.01 % to 1 % 0.5 W at +70 C 0.25 W at + 125 C see diagram 700 VAC > 104 M < 0.5 V for 1 C of difference between leads non measureable 0.14 C/mW
TABLE 3 - ELECTRICAL SPECIFICATIONS
RS92N, RS92NA Qualified Ohmic Range Qualified Tolerances Power Rating Temperature Coefficient Dielectric Strength Insulation Resistance Thermal EMF Noise Thermal Resistance AN
TABLE 4 - PERFORMANCE
TESTS CONDITIONS 2.5 Un/5 s Umax. < 2 Un - 55 C to + 155 C, 5 cycles CEI 68-2-14 test Na CEI 68-2-21 test Ua (pulling), Ub (bending), Uc (twisting) 260 C/10 s CEI 68-2-20A test Tb (method 1A) 10 Hz to 500 Hz 0.75 mm or 10g for 6 h method B4 CEI 68-2-6 test Fc - 55 C to + 155 C, 6 cycles, 95 % R.H., 85 mbar CEI 68-1 56 days, 95 % R.H., 40 C CEI 68-2-3 1000 h Pr at + 70 C 90'/30' cycle 1000 h/155 C CEI 68-2-20A test B REQUIREMENTS C 83-220 CECC 40302-001 0.01 % 0.01 % TYPICAL DRIFTS
Overload Temperature Cycling
0.002 % 0.003 %
Terminals Strength
0.01 %
0.002 %
Resistance to Soldering Heat
0.01 %
0.002 %
Vibrations
0.01 %
0.002 %
Climatic Sequence
0.05 % Insulation R > 102 M 0.05 % Insulation R > 102 M 0.05 % 0.05 %
0.003 % Insulation R > 104 M 0.003 % Insulation R > 104 M 0.01 % 0.01 %
Humidity (Steady State) Load Life High Temperature Exposure
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63138 Revision: 03-Nov-08
RS92N, RS92NA, AN
High Precision Foil Resistor with TCR of 2.0 ppm/C, Vishay Foil Resistors Tolerance of 0.01 % and Load Life Stability of 0.005 % CECC Qualified
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS
Front View L VISHAY XXXX RS92 Date Code 01 10 Year Week ST
1)
W
Rear View Optional Customer Part Number Print specification, etc. if required XXXXXX 100R01 0.01 % Resistance Value Code Tolerance
H
Model Number LS
SW Lead Material #22 AWG Round Solder Coated Copper
LL
Note 1. The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit after all soldering processes. MODEL RS92NA RS92N AN DIM. mm mm mm LS 3.81 0.13 5.08 0.076 5.08 0.076 W 2.50 max. 2.50 max. 2.50 max. L 7.50 max. 7.50 max. 7.50 max. H 8.00 max. 8.00 max. 8.00 max. ST 0.254 min. 0.254 min. 0.254 min. LL 25.4 min. 25.4 min. 25.4 min. WEIGHT NOMINAL 0.6 g 0.6 g 0.6 g
FIGURE 2 - TRIMMING TO VALUES (Conceptual Illustration)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Mutual Inductance Reduction due to Change in Current Direction
Note: Foil shown in black, etched spaces in white
FIGURE 3 - POWER RATING CHART
+ 70 C 1.00 + 155 C
FIGURE 4 -FOIL RESISTOR TCR IN MILITARY RANGE
+ 150
Rated Power (W)
0.75
+ 100
R
0.50
+ 50
0 R (ppm)
C Alloy 2 ppm/C
- 50
- 100
0.25
2 ppm/C
- 150 - 200 - 50 - 55 - 25 0 + 25 + 50 + 75 + 100 + 125
0
0
25
50
75
100
125
150
175
Ambient Temperature (C)
Temperature (C)
Document Number: 63138 Revision: 03-Nov-08
For any questions, contact: foil@vishay.com
www.vishay.com 3
RS92N, RS92NA, AN
Vishay Foil Resistors High Precision Foil Resistor with TCR of 2.0 ppm/C,
Tolerance of 0.01 % and Load Life Stability of 0.005 % CECC Qualified
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y144280K5000T0L (preferred part number format) DENOTES PRECISION Y VALUE R= K = k M = M AER* 0 = standard 1 - 999 = custom
Y
1
4
4
2
8
0
K
5
0
0
0
T
0
L
PRODUCT CODE 1442 = RS92N 1687 = RS92NA 1688 = AN
RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1442 80K5000 T 0 L: TYPE: RS92N VALUE: 80.5 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: standard PACKAGING: bulk pack HISTORICAL PART NUMBER: RS92N 250R00 T B (will continue to be used) RS92N MODEL RS92N RS92NA AN TERMINATION None = tin/lead alloy 250R00 RESISTANCE VALUE 250R00 = 250.00 5K2310 = 5.231 k 1M000 = 1 M T TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
Note * For non-standard requests, please contact application engineering.
www.vishay.com 4
For any questions, contact: foil@vishay.com
Document Number: 63138 Revision: 03-Nov-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y144280R5000A0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X